PART |
Description |
Maker |
LT1963-1.8 LT1963-3.3 LT1963-1.5 |
1.5A, Low Noise, Fast Transient Response LDO Regulators(1.8V输出,1.5A,低噪快速瞬变响低压差输出稳压器) 1.5A, Low Noise, Fast Transient Response LDO Regulators(3.3V输出,1.5A,低噪快速瞬变响低压差输出稳压器) 1.5A, Low Noise, Fast Transient Response LDO Regulators(13V输出,1.5A,低噪快速瞬变响低压差输出稳压器) 1.5A, Low Noise, Fast Transient Response LDO Regulators(1.5V输出,1.5A,低噪快速瞬变响低压差输出稳压器)
|
Linear Technology Corporation
|
GM71C4400DLJ-80 GM71C4400D-60 GM71C4400D-80 GM71C4 |
Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 6-SOT-223 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 6-SOT-223 1,048,576 Words x Bit Organization 1,048,576字×位组织 Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin 1,048,576字×位组织 Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 5-DDPAK/TO-263
|
LG Corp. LG, Corp.
|
GM71C4403DLJ-80 GM71C4403D-80 GM71C4403DT-70 GM71C |
MB 32C 32#20 PIN PLUG Single Output LDO, 1.0A, Fixed (5.0V), Low Noise, Fast Transient Response 6-SOT-223 -40 to 85 1,048,576 Words x Bit Organization 1,048,576字×位组织 Single Output LDO, 1.0A, Adj.(1.295 to 5.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 -40 to 85
|
LG Corp. LG, Corp.
|
1963AEFE33 963A15 963A25 963AMP 963A33 963A18 LT19 |
1.5A, Low Noise, Fast Transient Response 1.5A, Low Noise, Fast Transient Response LDO Regulators 1.5A, Low Noise, Fast Transient Response LDO Regulators
|
Linear Technology Linear Integrated Systems Linear Integrated Syste...
|
EV20046DN-00A |
Fast Transient Response, 2A Linear Regulator EV Board
|
Monolithic Power System...
|
EV20046DQ-00A |
Fast Transient Response, 2A Linear Regulator EV Board
|
Monolithic Power System...
|
NCP176AMX300TCG |
Fast Transient Response Low Voltage 500 mA LDO
|
ON Semiconductor
|
LT1963EST-1.5 LT1963EST-1.8 LT1963EST-2.5 LT1963ES |
1.5A, Low Noise, Fast Transient Response LDO Regulators
|
Linear Technology
|
LT1963AMPS8 LT1963AES8-3.3PBF LT1963AEFE-3.3 LT196 |
1.5A, Low Noise,Fast Transient Response LDO Regulators
|
Linear Technology
|
GM71C4400ELJ-80 GM71C4400E-80 GM71C4400E-60 GM71C4 |
Replaced by TPS79630,REG104-A : Single Output LDO, 1.0A, Fixed(3.0V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(3.3V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 1,048,576字×位组织 1,048,576 Words x Bit Organization 1,048,576字×位组织
|
LG Corp. LG, Corp.
|
NCP58302DSADJR4G NCP58300 |
3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
|
ON Semiconductor
|
MPQ20056-J-33 |
Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
|
Monolithic Power System...
|
|